this document was generated on 05/04/2010 please check www.molex.com for latest part information part number: 0395021004 status: active description: 3.50mm (.138") pitch eurostyle? horizontal pcb header, 4 circuits documents: 3d model product specification ps-39500-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family terminal blocks series 39502 application wire-to-board component type pcb header product literature order no usa-355 product name ese, eurostyle?pluggable type euro block physical circuits (loaded) 4 entry angle n/a lock to mating part none number of rows 1 orientation horizontal pc tail length (in) 0.138 in pc tail length (mm) 3.50 mm pcb thickness recommended (in) 0.098 in pcb thickness recommended (mm) 2.50 mm panel mount no pitch - mating interface (in) 0.138 in pitch - mating interface (mm) 3.50 mm polarized to mating part yes shrouded fully stackable no temperature range - operating -40c to +105c wire size awg n/a electrical current - maximum per contact 8a voltage - maximum 300v material info reference - drawing numbers product specification ps-39500-001 sales drawing sd-39501-002, sd-39502-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 39502 series mates with most 3.50mm (.138") pitch industry standard plugs, 39500 horizontal plug, 39503 vertical plug this document was generated on 05/04/2010 please check www.molex.com for latest part information
material numbers black green 100% tin 30 u" gold 100% tin 30 u" gold dimensional information printing options printing options printing options printing options dim. a dim b description circuit size none 10a 11a none 10a 11a none 10a 11a none 10a 11a mm inch mm inch 3.5mm, euro header, right angle 2 395021002 395021102 395021202 395021502 395021602 395021702 395026002 395026102 395026202 395026502 395026602 395026702 8.40 0. 331 3.50 0.138 3.5mm, euro header, right angle 3 395021003 395021103 395021203 395021503 395021603 395021703 395026003 395026103 395026203 395026503 395026603 395026703 11.90 0 .469 7.00 0.276 3.5mm, euro header, right angle 4 395021004 395021104 395021204 395021504 395021604 395021704 395026004 395026104 395026204 395026504 395026604 395026704 15.40 0 .606 10.50 0.413 3.5mm, euro header, right angle 5 395021005 395021105 395021205 395021505 395021605 395021705 395026005 395026105 395026205 395026505 395026605 395026705 18.90 0 .744 14.00 0.551 3.5mm, euro header, right angle 6 395021006 395021106 395021206 395021506 395021606 395021706 395026006 395026106 395026206 395026506 395026606 395026706 22.40 0 .882 17.50 0.689 3.5mm, euro header, right angle 7 395021007 395021107 395021207 395021507 395021607 395021707 395026007 395026107 395026207 395026507 395026607 395026707 25.90 1 .020 21.00 0.827 3.5mm, euro header, right angle 8 395021008 395021108 395021208 395021508 395021608 395021708 395026008 395026108 395026208 395026508 395026608 395026708 29.40 1 .157 24.50 0.965 3.5mm, euro header, right angle 9 395021009 395021109 395021209 395021509 395021609 395021709 395026009 395026109 395026209 395026509 395026609 395026709 32.90 1 .295 28.00 1.102 3.5mm, euro header, right angle 10 395021010 395021110 395021210 395021510 395021610 395021710 395026010 395026110 395026210 395026510 395026610 395026710 36.40 1 .433 31.50 1.240 3.5mm, euro header, right angle 11 395021011 395021111 395021211 395021511 395021611 395021711 395026011 395026111 395026211 395026511 395026611 395026711 39.90 1 .571 35.00 1.378 3.5mm, euro header, right angle 12 395021012 395021112 395021212 395021512 395021612 395021712 395026012 395026112 395026212 395026512 395026612 395026712 43.40 1 .709 38.50 1.516 3.5mm, euro header, right angle 13 395021013 395021113 395021213 395021513 395021613 395021713 395026013 395026113 395026213 395026513 395026613 395026713 46.90 1 .846 42.00 1.654 3.5mm, euro header, right angle 14 395021014 395021114 395021214 395021514 395021614 395021714 395026014 395026114 395026214 395026514 395026614 395026714 50.40 1 .984 45.50 1.791 3.5mm, euro header, right angle 15 395021015 395021115 395021215 395021515 395021615 395021715 395026015 395026115 395026215 395026515 395026615 395026715 53.90 2 .122 49.00 1.929 3.5mm, euro header, right angle 16 395021016 395021116 395021216 395021516 395021616 395021716 395026016 395026116 395026216 395026516 395026616 395026716 57.40 2 .260 52.50 2.067 3.5mm, euro header, right angle 17 395021017 395021117 395021217 395021517 395021617 395021717 395026017 395026117 395026217 395026517 395026617 395026717 60.90 2 .398 56.00 2.205 3.5mm, euro header, right angle 18 395021018 395021118 395021218 395021518 395021618 395021718 395026018 395026118 395026218 395026518 395026618 395026718 64.40 2 .535 59.50 2.343 3.5mm, euro header, right angle 19 395021019 395021119 395021219 395021519 395021619 395021719 395026019 395026119 395026219 395026519 395026619 395026719 67.90 2 .673 63.00 2.480 3.5mm, euro header, right angle 20 395021020 395021120 395021220 395021520 395021620 395021720 395026020 395026120 395026220 395026520 395026620 395026720 71.40 2 .811 66.50 2.618
|